Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA88C00-PLC68I-R Fiches technique(PDF) 56 Page - InnovASIC, Inc

No de pièce IA88C00-PLC68I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68I-R Fiches technique(HTML) 56 Page - InnovASIC, Inc

Back Button IA88C00-PLC68I-R Datasheet HTML 52Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 53Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 54Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 55Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 56Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 57Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 58Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 59Page - InnovASIC, Inc IA88C00-PLC68I-R Datasheet HTML 60Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 56 of 80
1.888.824.4184
Figure 56. Rotate and Shift Instructions
Mnemonic
Operands
Instructions
RL
dst
Rotate left
RLC
dst
Rotate left through carry
RR
dst
Rotate right
RRC
dst
Rotate right through carry
SWAP
dst
Swap nibbles
Figure 57. CPU Control Instructions
Mnemonic
Operands
Instructions
CCF
Complement carry flag
DI
Disable interrupts
EI
Enable interrupts
NOP
Do nothing
RCF
Reset carry flag
SBO
Set bank flag
SB1
Set bank 1
SCF
Set carry flag
SRP
src
Set register pointers
SRP0
src
Set register pointer zero
SRP1
src
Set register pointer one
STOP
Enable STOP Mode
Interrupts
The IA88C00 supports as many as 27 interrupt sources. Interrupt sources are sorted into 8 different
priority levels. These levels are controlled by the interrupt Priority Register (IPR). Enabling and masking
of individual interrupts is controlled by the System Mode Register (R222).
The various sources, vectors and levels of the interrupt structure are depicted in Figure 58 in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80