Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA88C00-PLC68C-R Fiches technique(PDF) 30 Page - InnovASIC, Inc

No de pièce IA88C00-PLC68C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68C-R Fiches technique(HTML) 30 Page - InnovASIC, Inc

Back Button IA88C00-PLC68C-R Datasheet HTML 26Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 27Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 28Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 29Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 30Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 31Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 32Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 34Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 30 of 80
1.888.824.4184
Figure 26. Counter 1 Capture Register (Low Byte) (C1CL), R229 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
C1C7 – C1C0
Initial Value
X
X
X
X
X
X
X
X
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This 16-bit register pair is used to hold the counter value saved when using the "capture on external
event" function. This register will capture at the rising edge of the I/O pin or when software capture is
asserted. When the bi-value mode of operation is enabled, this register is used as a second Time Constant
register and the counter is alternately loaded from each.
Figure 27a. Counter 0 Prescaler (CTPRS), R230 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
CT1
Not Used
CT0
Initial Value
0
0
1
0
0
0
0
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This register controls the source of the timer signal when in internal mode. An 8-bit prescaler for each
counter is implemented. The control bit operate as follows:
CT0/CT1
Prescale
000
XTAL/2
001
010
011
100
XTAL/4
XTAL/8
XTAL/16
XTAL/32
101
XTAL/64
110
XTAL/128
111
XTAL/256
Only the prescaler of CT1 is activated when the counters are cascaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80