| Moteur de recherche de fiches techniques de composants électroniques |
|
L6911C Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6911C Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() L6911C 2/20 ABSOLUTE MAXIMUM RATINGS THERMAL DATA PIN CONNECTION (Top view) Symbol Parameter Value Unit VCC VCC to GND, PGND 15 V VBOOT-VPHASE Boot Voltage 15 V VHGATE-VPHASE 15 V OCSET, LGATE, PHASE -0.3 to Vcc+0.3 V RT, SS, FB, PGOOD, VSEN, VID0-4 7 V OVP, COMP 6.5 V Symbol Parameter Value Unit Rth j-amb Thermal Resistance Junction to Ambient 110 °C/W Tj Maximum junction temperature 150 °C Tstg Storage temperature range -40 to 150 °C TJ Junction temperature range 0 to 125 °C VSEN OCSET SS/INH VID0 VID1 VID3 VID2 VID4 COMP PGOOD PHASE UGATE PGND BOOT LGATE VCC OVP RT 1 3 2 4 5 6 7 8 9 18 17 16 15 14 12 13 11 19 10 20 FB GND D98IN958 |