Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA186EM-PQF100I-R Fiches technique(PDF) 20 Page - InnovASIC, Inc

No de pièce IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Fiches technique(HTML) 20 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 16Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 17Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 18Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
The value of the LMCS register is undefined at reset except DA, which is set to 0.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
0
UB2 – UB0
1
1
1
1
DA PSE 1 1 1 R2 R1-R0
Reserved [15] (bit 15) – Set to 0
UB [2:0] (bits 14 – 12) - Upper Boundary. These bits define the upper boundary of memory accessed
by the lcs_n chip select. The following table gives the possible configurations of block size (max
512Kbytes).
LMCS Block Size Programming Values
Memory Block
Size
Ending
Address
UB2 – UB0
64K
0FFFFh
000b
128K
1FFFFh
001b
256K
3FFFFh
011b
512K
7FFFFh
111b
Reserved [11:8] (bits 11-8) - Set to 1.
DA (bit 7) Disable Address - When set to 0, the address is driven onto the address bus (ad15 – ad0)
during the address phase of a bus cycle. If DA is set to 1, the address bus is disabled, providing some
measure of power saving. This bit is set to 0 at reset.
If BHE_n/ADEN_n is held at 0 during the rising edge of res_n, then the address bus is always driven,
independent of the setting of DA.
PSE (bit 6) PSRAM Mode Enable – PSRAM support for the lcs_n chip select memory space is enabled
when the PSE is set to 1. The EDRAM, MDRAM, and CDRAM refresh control unit registers must be
configured for auto refresh before PSRAM support is enabled. Setting the enable bit (EN) in the
enable RCU register (EDRAM, offset e4h) configures the mcs3_n/rfsh_n as rfsh_n.
Reserved (bits 5-3) – Set to 1.
R2 (bit 2) - Ready Mode. When this bit is set to 0, an external ready is required. When set to 1, the
external ready is ignored. In either case, however, the value of the R1 - R0 bits determine the number
of wait states inserted.
R [1:0] (bits R1-R0) - Wait-State Value. The number of wait states inserted into an access to the
LCS_n memory area is determined by the value of these bits. This number ranges from 0 to 3 (R1 – R0
= 00b to 11b)
UMCS (0a0h) - Upper Memory Chip Select Register configures the Upper Memory Chip Select pin,
which is used for the top of memory. On reset, the first fetch takes place at memory location FFFF0h and
thus this area of memory is usually used for instruction memory. With this in mind, UCS_n defaults to an
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More