Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM704R Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM704R
Description  3V Supervisor with Battery Switchover
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704R Fiches technique(HTML) 5 Page - STMicroelectronics

  STM704R Datasheet HTML 1Page - STMicroelectronics STM704R Datasheet HTML 2Page - STMicroelectronics STM704R Datasheet HTML 3Page - STMicroelectronics STM704R Datasheet HTML 4Page - STMicroelectronics STM704R Datasheet HTML 5Page - STMicroelectronics STM704R Datasheet HTML 6Page - STMicroelectronics STM704R Datasheet HTML 7Page - STMicroelectronics STM704R Datasheet HTML 8Page - STMicroelectronics STM704R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
STM690/704/795/802/804/805/806
Figure 5. STM690/802/804/805 Connections
Note: 1. For STM804/805, reset output is active-high and open
drain.
Figure 6. STM704/806 Connections
Figure 7. STM795 Connections
1
PFO
PFI
WDI
RST(RST)(1)
VCC
VOUT
VBAT
VSS
AI08849
SO8/TSSOP8
2
3
4
8
7
6
5
1
PFO
PFI
MR
RST
VCC
VOUT
VBAT
VSS
AI08850
SO8/TSSOP8
2
3
4
8
7
6
5
1
ECON
VSS
RST
VCC
VOUT
VBAT
VCCSW
AI08851
SO8/TSSOP8
2
3
4
8
7
6
5
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32