| Moteur de recherche de fiches techniques de composants électroniques |
|
STOD2540 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STOD2540 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() STOD2540 Maximum ratings 5/19 3 Maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VBSW, VBO Breakdown voltage at OUT and SW pin 40 V VI Supply voltage range 6 V RSET RSET pin VI + 0.3 V EN Enable pin VI + 0.3 V VESD ESD ratings, HBM MIL STD 883C 2 kV TSTG Storage Temperature Range -65 to 150 °C TOP Operating Junction Temperature Range -40 to 85 °C Table 3. Thermal Data Symbol Parameter Value Unit RthJA Thermal Resistance Junction-Ambient 52 °C/W |