Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M402 Fiches technique(PDF) 2 Page - B&K Precision Corporation

No de pièce M402
Description  3.3 GHz/8.5 GHz Spectrum Analyzer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BK [B&K Precision Corporation]
Site Internet  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

M402 Fiches technique(HTML) 2 Page - B&K Precision Corporation

  M402 Datasheet HTML 1Page - B&K Precision Corporation M402 Datasheet HTML 2Page - B&K Precision Corporation M402 Datasheet HTML 3Page - B&K Precision Corporation M402 Datasheet HTML 4Page - B&K Precision Corporation M402 Datasheet HTML 5Page - B&K Precision Corporation M402 Datasheet HTML 6Page - B&K Precision Corporation M402 Datasheet HTML 7Page - B&K Precision Corporation M402 Datasheet HTML 8Page - B&K Precision Corporation M402 Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
i
Before Using the Product
· Please note the following described on the back panel.
· For safe use:
1) When abnormal sound, abnormal smell or smoke is found, stop using the
product and remove the battery and AC adapter.
2) Never handle this product with wet hands to prevent risks of electric shock, fire,
or damage.
3) Never use this product under lightning conditions to prevent risks of damage.
4) Never use any AC adapter other than specified, or it will cause damage.
Connect the power cable only to three-terminal outlet for protection from static
electricity, otherwise this product or a device under test may be damaged.
5) Never use any battery other than specified, or it may damage this product. Turn
off the power and disconnect the AC adapter before removing the battery out of
the battery compartment.
6) Be sure to charge the battery as specified in the instructions in this manual.
Moreover, an explosion, fire or smoke may occur if battery is handled
improperly.
Please read the notes for handling the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89