| Moteur de recherche de fiches techniques de composants électroniques |
|
MSC Fiches technique(PDF) 3 Page - Neutrik AG |
|
|
|||||||||||||||||||||||||||||
MSC Fiches technique(HTML) 3 Page - Neutrik AG |
|
3 / 24 page ![]() www.neutrik.com 3 Introduction The Neutrik® circular connector program is a range of metal, multi-pole connectors specifically designed for industrial applications. These series provide a variety of male and female cable connectors and receptacles that can be terminated by soldering and crimping or to printed circuit boards. An easy to use and reliable quick-lock system ensures a perfect connection and cannot be released accidentally. The circular connectors offer the Neutrik® unique chuck type strain relief and a reinforced housing for robust dependability. The Neutrik® industrial connector range also features a unique power connector for single phase applications up to 32 A. The main areas of application are in the measurement, test and control, automotive and machine tool industry as well as medical technology. innovative solutions superior quality |