| Moteur de recherche de fiches techniques de composants électroniques |
|
SCDP-X Fiches technique(PDF) 15 Page - Neutrik AG |
|
|
|||||||||||||||||||||||||||||
SCDP-X Fiches technique(HTML) 15 Page - Neutrik AG |
|
15 / 24 page ![]() www.neutrik.com 15 MRM MRF MSRC MPC MPS MBC MBS MMI MFI MSC MMC MBC MBS MPC MPS MPF(M)12-V MPF(M)12-H MSCF(M)12 miniCON miniCON Reduction ferrule 2 Reduction ferrule 1 Housing and insert pre-assembled, contacts must be ordered separately. Or dering Information for complete miniCON set MSCF12 Cable connector, chuck principle, solder contacts MSCM12 Cable connector, chuck principle, solder contacts MRF12 Receptacle panel mount, solder contacts MRM12 Receptacle panel mount, solder contacts MPF12-H Receptacle horizontal PCB mount MPM12-H Receptacle horizontal PCB mount MPF12-V Receptacle vertical PCB mount MPM12-V Receptacle vertical PCB mount Female Male Complete set (consisting of housing, insert, 12 contacts and chuck for cable connector) Or dering Information for modular miniCON system Female Male Modular system MFI Insert for cable connector MMI Insert for cable connector MBC Crimp contacts for cable connector and receptacle MPC Crimp contacts for cable connector and receptacle MBS Solder contacts for cable connector and receptacle MPS Solder contacts for cable connector and receptacle MRF Receptacle housing and insert pre-assembled MRM Receptacle housing and insert pre-assembled MMC Cable connector extension, incl. chuck (for male and female) MSC Cable connector housing, incl. chuck (for male and female) MSRC Set of strain relief crimp version (consisting of crimp ferrule & reduction ferrule 1 + 2, tools see page 130) |