| Moteur de recherche de fiches techniques de composants électroniques |
|
AP34 Fiches technique(PDF) 4 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
AP34 Fiches technique(HTML) 4 Page - Juniper Networks, Inc. |
|
4 / 9 page ![]() Effortless, Cloud-Based Setup and Updates The AP34 automatically connects to the Juniper Mist cloud, downloads its configuration, and joins the appropriate network. Firmware updates are retrieved and installed automatically, ensuring that the network is always up to date with new features, bug fixes, and security updates. Premium Analytics Juniper Mist Wireless Assurance, User Engagement, and Asset Visibility services include a base analytics capability for analyzing up to 30 days of data, which enables you to simplify the process of extracting network insights across your enterprise. If you require dynamic insights like motion paths1 and other third-party1 data and would like the option of customized reports, the Juniper Mist Premium Analytics service is available as an additional subscription. Juniper Mist Edge Juniper APs offer a flexible data plane. Juniper Mist Edge is an on- premises appliance that runs a tunnel termination service. Traffic can be broken out locally or tunneled to Juniper Mist Edge. Juniper Mist Edge use cases include seamless mobility in large campus environments, tunneling of guest traffic to a DMZ, IoT segmentation, and teleworker services. AP34 Access Point Datasheet 4 |