| Moteur de recherche de fiches techniques de composants électroniques |
|
VG202XM Fiches technique(PDF) 4 Page - Cisco Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
VG202XM Fiches technique(HTML) 4 Page - Cisco Systems, Inc. |
|
4 / 9 page ![]() © 2013 Cisco and/or its affiliates. All rights reserved. This document is Cisco Public Information. Page 4 of 9 Feature Skinny Client Control Protocol (SCCP) Features with Cisco Unified Communications Manager SCCP Features with Cisco Unified Communications Manager Express Session Initiation Protocol (SIP) Features with Cisco Unified Communications Manager Call pickup group X X Call pickup local X X Call transfer blind X X Call transfer consultative X X X Call waiting X X X Caller ID X X X Caller ID on call waiting X X X Malicious caller ID X Conference call Up to 3 parties Up to 3 parties Up to 3 parties Ad hoc conference call Up to 3 parties Up to 3 parties Meet-Me conference call X X Directed call park X Directed call pickup X Directed call pickup of ringing extension X Redial X X Speed dial X X Call toggle X X X Music on hold X Shared-line support * X Shared line privacy X Precedence and preemption X Call back on busy X DC voltage Visual Message Waiting Indicator) VMWI X (only for foreign exchange station [FXS] on VG224) *Simultaneous ringing, hold, and resume across analog and IP phone The Cisco VG350, VG224, VG204XM, and VG202XM support feature access codes (FACs) in conjunction with Cisco Unified Communications Manager and Cisco Unified Communications Manager Express. Refer to documentation for these applications for details. Fax and Modem Connectivity The Cisco VG350, VG224, VG204XM, and VG202XM support fax machines and modems. When using fax machines, they support Cisco Fax Relay, T.38 fax relay, and fax pass-through. Cisco and T.38 fax relay technologies allow transfer of faxes across the network with high reliability using less bandwidth than a voice call. All modems can be connected to the Cisco VG350, VG224, VG204XM, and VG202XM and are transferred over the network using modem pass-through. |