Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADU2 Fiches technique(PDF) 70 Page - List of Unclassifed Manufacturers

No de pièce ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Fiches technique(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 66Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 67Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 68Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 69Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 70Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 71Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 72Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 73Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 162 page
background image
Page 58
ADU2 Operation and Reference Manual
Table 5.3 lists the structure of the AT2 message in Binary:
$PASHQ,ATT
Queries for the ATT structure. An example of real-time ASCII attitude output is:
$PASHR,ATT,153663.5,092.09,-
000.48,+000.04,0.0027,0.0103,0,000.48,+000.04,0.0027,0.0103,0
Table 5.4 lists the format for Attitude Data in ASCII is:
PDOP
Position Dilution of Precision
Table 5.3: AT2 Data in Binary Format
Variable
Bytes
Description
$PASHR,AT2
11
Header
double head
8
Heading in degrees
double pitch
8
Pitch in degrees
double roll
8
Roll in degrees
double brms
8
BRMS in meters
double mrms
8
MRMS in meters
long tow
4
Seconds of Week in
milliseconds
char reset
1
Attitude reset flag
char spare
1
Spare byte which is
not used
Table 5.4: Attitude Data in ASCII Format
Variable
Description
Header String
$PASHR,ATT
GPS Receive Time
seconds of week
Heading
Degrees
Pitch
Degrees
Roll
Degrees
Table 5.2: AT2 Data in ASCII Format (continued)
Variable
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More