| Moteur de recherche de fiches techniques de composants électroniques |
|
AFL27005SW/HB Fiches technique(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
AFL27005SW/HB Fiches technique(HTML) 2 Page - International Rectifier |
|
2 / 12 page ![]() 2 www.irf.com AFL28XXS Series Specifications Static Characteristics -55°C < T CASE < +125°C, 16V< VIN < 40V unless otherwise specified. For Notes to Specifications, refer to page 4 Parameter Group A Subgroups Test Conditions Min Nom Max Unit INPUT VOLTAGE Note 6 16 28 40 V OUTPUT VOLTAGE AFL2805S AFL2807S AFL2808S AFL2809S AFL2812S AFL2815S AFL2828S AFL2805S AFL2807S AFL2808S AFL2809S AFL2812S AFL2815S AFL2828S 1 1 1 1 1 1 1 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 2, 3 VIN = 28 Volts, 100% Load 4.95 6.93 7.92 8.91 11.88 14.85 27.72 4.90 6.86 7.84 8.82 11.76 14.70 27.44 5.00 7.00 8.00 9.00 12.00 15.00 28.00 5.05 7.07 8.08 9.09 12.12 15.15 28.28 5.10 7.17 8.16 9.18 12.24 15.30 28.56 V OUTPUT CURRENT AFL2805S AFL2807S AFL2808S AFL2809S AFL2812S AFL2815S AFL2828S VIN = 16, 28, 40 Volts - Note 6 16 11.4 10 10 9.0 8.0 4.0 A OUTPUT POWER AFL2805S AFL2807S AFL2808S AFL2809S AFL2812S AFL2815S AFL2828S Note 6 80 80 80 90 108 120 112 W MAXIMUM CAPACITIVE LOAD Note 1 10,000 µF OUTPUT VOLTAGE TEMPERATURE COEFFICIENT VIN = 28 Volts, 100% Load - Note 1, 6 -0.015 +0.015 %/°C OUTPUT VOLTAGE REGULATION AFL2828S Line All Others Line Load 1, 2, 3 1, 2, 3 1, 2, 3 No Load, 50% Load, 100% Load VIN = 16, 28, 40 Volts -70 -20 -1.0 +70 +20 +1.0 mV mV % OUTPUT RIPPLE VOLTAGE AFL2805S AFL2807S AFL2808S AFL2809S AFL2812S AFL2815S AFL2828S 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 16, 28, 40 Volts, 100% Load, BW = 10MHz 30 40 40 40 45 50 100 mVpp Input voltage -0.5V to +50VDC Soldering temperature 300°C for 10 seconds Operating case temperature -55°C to +125°C Storage case temperature -65°C to +135°C Absolute Maximum Ratings |