| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP1235-R10M Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1235-R10M Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV. 10/06 SRP1235 Series - Shielded Power Inductors Packaging Specifications 24.0 ± 0.5 (0.95 ± 0.020) 2.0 ± 0.5 (.079 ± .020) 75.0 ± 2.0 (2.96 ± 0.08) 330.0 (13.00) DIA. 13.5 ± 0.5 (.53 ± .020) DIA. 13.5 ± 0.5 (0.53 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. DIMENSIONS: MM (INCHES) 1.5 ± 0.1 (0.059 ± 0.004) 0.15 (0.0006) 2.0 ± 0.1 (0.079 ± 0.004) 4.0 ± 0.1 (0.157 ± 0.004) DIA. DIA. 0.35 ± 0.05 (0.014 ± 0.020) 4.5 ± 0.1 (0.177 ± 0.004) 13.9 ± 0.1 (0.547 ± 0.004) 16.0 ± 0.1 (0.629 ± 0.004) 13.5 ± 0.1 (0.520 ± 0.004) 24.0 ± 0.3 (0.95 ± 0.012) 1.75 ± 0.1 (.069 ± 0.004) 2.7 ± 0.3 (.106 ± 0.012) L vs. I Charts 0 02 468 10 12 14 16 18 20 0.6 1.2 1.8 2.4 3.0 3.6 4.2 4.8 5.4 6.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-3R3 0 01 23 4 56 7 8 9 10 11 12 13 1.5 3.0 4.5 6.0 7.5 9.0 10.5 12.0 13.5 15.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-6R8 0 02 46 8 10 12 14 16 18 20 0.8 1.6 2.4 3.2 4.0 4.8 5.6 6.4 7.2 8.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-4R7 0 02 46 8 10 12 14 16 1 2 3 4 5 6 7 8 9 10 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1235-5R6 |