| Moteur de recherche de fiches techniques de composants électroniques |
|
SD56120 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SD56120 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 15 page ![]() SD56120 Test circuit 9/15 5 Test circuit Figure 13. 860MHz test circuit schematic Note: 1 Dimensions at component symbols are reference for component placement. 2 Gap between ground & transmission line = 0.056 [1.42] +0.002 [0.05] -0.000 [0.00] typ. C18 C19 C20 C21 C7 BALUN1 + VGG INPUT RF C2 C3 R1 R1 R3 VDD OUTPUT L2 C26 FB2 C25 C24 C23 C5 D.U.T. C9 C8 C10 C22 C6 L1 C15 C11 RF BALUN2 C12 + VGG VDD FB1 C4 C1 C17 R4 R5 R6 C13 C14 C27 C16 C28 C29 R2 R7 R8 C31 C30 DIMENSION TABLE DIM IN MM W X L W X L Z1,Z12 0.215 X TYP 5,46 X TYP Z2,Z3 0.215 X 0.850 5,46 X 21,59 Z4,Z5 0.344 X 1.000 8,73 X 25,40 Z6,Z7 0.344 X 0.440 8,73 X 11,17 Z8,Z9 0.700 X 0.870 17,78 X 22,10 Z10,Z11 0.215 X 0.670 5,46 X 17,02 TL1 & TL2 0.100 X 2.37 2,54 X 60,20 DIMENSION OF MCROSTRIP = 1/2 PRINTED BALUN ONLY. TRANSMISSON LINE DIMENSIONS Z1 Z2 Z4 Z6 TL1 Z3 Z5 Z7 Z12 Z8 Z10 Z9 Z11 TL2 |