Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD56120 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SD56120
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SD56120_06 Datasheet HTML 7Page - STMicroelectronics SD56120_06 Datasheet HTML 8Page - STMicroelectronics SD56120_06 Datasheet HTML 9Page - STMicroelectronics SD56120_06 Datasheet HTML 10Page - STMicroelectronics SD56120_06 Datasheet HTML 11Page - STMicroelectronics SD56120_06 Datasheet HTML 12Page - STMicroelectronics SD56120_06 Datasheet HTML 13Page - STMicroelectronics SD56120_06 Datasheet HTML 14Page - STMicroelectronics SD56120_06 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SD56120
Package mechanical data
13/15
Figure 16.
Package dimensions
Table 7.
M246 (.230 x .650 WIDE 4/L BAL N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.33
5.59
.210
.220
B
6.48
6.73
.255
.265
C
17.27
18.29
.680
.720
D
5.72
5.97
.225
.235
E
22.86
.900
F
28.83
29.08
1.135
1.145
G
16.26
16.76
.640
.660
H
4.19
5.08
.165
.200
I
0.08
0.15
.003
.006
J
1.83
2.24
.072
.088
K
1.40
1.65
.055
.065
L
3.18
3.43
.125
.135
Controlling dimension: Inches
Ref. 7145054A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15