Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC7101CVM50 Fiches technique(PDF) 38 Page - Freescale Semiconductor, Inc

No de pièce MAC7101CVM50
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7101CVM50 Fiches technique(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MAC7101CVM50 Datasheet HTML 34Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 35Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 36Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 37Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 38Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 39Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 40Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 41Page - Freescale Semiconductor, Inc MAC7101CVM50 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Device Pin Assignments
Freescale Semiconductor
38
PE2
AN2_A
—
EVTI'
—
93
101
101
77
77
F13
F13
68
PE3
AN3_A
—
MDO0'
—
95
102
102
78
78
F14
F14
69
PE4
AN4_A
—
MDO1'
—
97
103
103
79
79
E13
E13
70
PE5
AN5_A
—
MSEO'
—
99
104
104
80
80
E14
E14
71
PE6
AN6_A
—
RDY'
—
101
105
105
81
81
D15
D15
72
PE7
AN7_A
—
—
—
103
106
106
82
82
C15
C15
73
PE8
AN8_A
—
—
—
105
107
107
83
83
C14
C14
74
PE9
AN9_A
—
—
—
107
108
108
84
84
D14
D14
75
PE10
AN10_A
—
—
—
113
113
113
89
89
B13
B13
80
PE11
AN11_A
—
—
—
115
114
114
90
90
C12
C12
81
PE12
AN12_A
—
—
—
117
115
115
91
91
A12
A12
82
PE13
AN13_A
—
—
—
119
116
116
92
92
B11
B11
83
PE14
AN14_A
—
—
—
121
117
117
93
93
A10
A10
84
PE15
AN15_A
—
—
—
123
118
118
94
94
A9
A9
85
PF0
eMIOS0
—
Debug Status 7
NEXPS
43
43
43
35
35
T5
T5
32
PF1
eMIOS1
—
Debug Status 7
NEXPR
42
42
42
34
34
R5
R5
31
PF2
eMIOS2
—
Debug Status 7
—
4141
4133
33
T4
T4
30
PF3
eMIOS3
—
Debug Status 7
—
4040
4032
32
R4
R4
29
PF4
eMIOS4
—
Debug Status 7
—
3939
3931
31
T3
T3
28
PF5
eMIOS5
—
Debug Status 7
—
3838
3830
30
P4
P4
27
PF6
eMIOS6
—
Debug Status 7
—
3737
3729
29
R3
R3
26
PF7
eMIOS7
—
Debug Status 7
—
3636
3628
28
R1
R1
25
PF8
eMIOS8
—
Debug Status 7
—
3535
3527
27
P2
P2
24
PF9
eMIOS9
—
Debug Status 7
—
3434
3426
26
P1
P1
23
PF10
eMIOS10
—
Debug Status 7
—
3333
3325
25
N2
N2
22
PF11
eMIOS11
—
Debug Status 7
—
3232
3224
24
N1
N1
21
PF12
eMIOS12
—
Debug Status 7
—
2727
2723
23
M1
M1
20
PF13
eMIOS13
—
Debug Status 7
—
26
2626
2222
L2L2
19
PF14
eMIOS14
—
Debug Status 7
—
25
2525
2121
L1L1
18
PF15
eMIOS15
—
Debug Status 7
—
2424
2420
20
K3
K3
17
PG0
RXD_B
—
—
—
141
141
141
109
109
A3
A3
97
PG1
TXD_B
—
—
—
142
142
142
110
110
C4
C4
98
PG2
RXD_A
—
—
—
143
143
143
111
111
B3
B3
99
PG3
TXD_A
—
—
—
144
144
144
112
112
C2
C2
100
PG4
CNTX_A
—
—
—
1
1
1
1
1
D3
D3
1
PG5
CNRX_A
—
—
—
222
22
C1
C1
2
PG6
CNTX_B
—
—
—
7
7
7
7
7
E1
E1
3
PG7
CNRX_B
—
—
—
888
88
F2
F2
4
PG8
CNTX_C 8
—
—
—
333
33
D2
D2
—
PG9
CNRX_C 8
—
—
—
444
44
D1
D1
—
PG10
CNTX_D 8
—
—
—
555
55
E3
E3
—
PG11
CNRX_D 8
—
—
—
666
66
E2
E2
—
PG12
RXD_D 8
—
—
—
51
51
51
39
39
R7
R7
36
PG13
TXD_D 8
—
—
—
52
52
52
40
40
R8
R8
37
Table 37. Signal Pin Assignments (continued)
Primary /
GPIO
Function
Peripheral
Function 1
External
Bus
Function 1
Debug
Function 1
Read on
Reset
Pin Number (by Device)
7101
7106
7111
7116
7112
7121
7126
7122
7131
7136
7141
7142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56