| Moteur de recherche de fiches techniques de composants électroniques |
|
MAC7101CFU50 Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7101CFU50 Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 56 page ![]() MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Electrical Characteristics Freescale Semiconductor 4 3 Electrical Characteristics This section contains electrical information for MAC7100 Family microcontrollers. The information is preliminary and subject to change without notice. MAC7100 Family devices are specified and tested over the 5 V and 3.3 V ranges. For operation at any voltage within that range, the 3.3 V specifications generally apply. However, no production testing is done to verify operation at intermediate supply voltage levels. 3.1 Parameter Classification The electrical parameters shown in this appendix are derived by various methods. To provide a better understanding to the designer, the following classification is used. Parameters are tagged accordingly in the column labeled “C” of the parametric tables, as appropriate. 3.2 Absolute Maximum Ratings Absolute maximum ratings are stress ratings only. Functional operation outside these maximums is not guaranteed. Stress beyond these limits may affect reliability or cause permanent damage to the device. MAC7100 Family devices contain circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for example, either VSS5 1 or V DD5 1). Table 3. Parametric Value Classification P Parameters guaranteed during production testing on each individual device. C Parameters derived by the design characterization and by measuring a statistically relevant sample size across process variations. T Parameters derived by design characterization on a small sample size from typical devices under typical conditions (unless otherwise noted). All values shown in the typical column are within this classification, even if not so tagged. D Parameters derived mainly from simulations. 1. Refer to Section 3.7, “Power Supply,” for definition of VSS5 and VDD5. Table 4. Absolute Maximum Ratings Num Rating Symbol Min Max Unit A1a I/O Drivers Supply Voltage VDDX–0.3 +6.0 V A2 Digital Logic Supply Voltage 1 VDD2.5 –0.3 +3.0 V A3 PLL Supply Voltage 1 VDDPLL –0.3 +3.0 V A4 Analog Supply Voltage VDDA–0.3 +6.0 V A5 Analog Reference VRH, VRL –0.3 +6.0 V A6 Voltage difference VDDX to VDDA Δ VDDX –0.3 +0.3 V A7 Voltage difference VSSX to VSSA Δ VSSX –0.3 +0.3 V A8 Voltage difference VRH – VRL VRH – VRL –0.3 +6.0 V |