Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMMABES Fiches technique(PDF) 73 Page - NXP Semiconductors

No de pièce MFS5600AMMABES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMABES Fiches technique(HTML) 73 Page - NXP Semiconductors

Back Button MFS5600AMMABES Datasheet HTML 69Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 70Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 71Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 72Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 73Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 74Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 75Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 76Page - NXP Semiconductors MFS5600AMMABES Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
ADDRESS Register Name
Default
BIT15
BIT7
BIT14
BIT6
BIT13
BIT5
BIT12
BIT4
BIT11
BIT3
BIT10
BIT2
BIT9
BIT1
BIT8
BIT0
MSB
—
—
—
—
—
—
—
—
0000_0000
—
—
—
—
—
—
—
—
LSB
—
—
—
—
—
—
NOT_
GOTO_
INIT_RUN
NOT_
GOTO_
NORMAL
0x25
NOT_
STATE_CTRL
0000_0011
—
—
—
—
—
—
EXTRW
EXTRW
MSB
—
—
—
—
—
—
—
—
0000_0000
—
—
—
—
—
—
—
—
LSB
—
—
—
PMIC_FSM[4:0]
0x26
STATE
0000_0000
—
—
—
RO
RO
RO
RO
RO
MSB
—
—
FULL_LAYER_REV[2:0]
METAL_LAYER_REV[2:0]
0000_0000
—
—
RO
RO
RO
RO
RO
RO
LSB
FAM_ID[3:0]
DEVICEID[3:0]
0x27
ID1
1011_0000
RO
RO
RO
RO
RO
RO
RO
RO
MSB
Reserved for NXP use.
0000_0000
Reserved for NXP use.
LSB
Reserved for NXP use.
0x28
ID2
1011_0000
Reserved for NXP use.
Table 54. I2C register map...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
73 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More