Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMMA7ES Fiches technique(PDF) 71 Page - NXP Semiconductors

No de pièce MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Fiches technique(HTML) 71 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 67Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 68Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 69Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 70Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 71Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 72Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 73Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 74Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
ADDRESS Register Name
Default
BIT15
BIT7
BIT14
BIT6
BIT13
BIT5
BIT12
BIT4
BIT11
BIT3
BIT10
BIT2
BIT9
BIT1
BIT8
BIT0
MSB
—
—
—
—
—
—
—
—
0000_0000
—
—
—
—
—
—
—
—
LSB
—
CLR_FLT_
ERR_CNT
FLT_ERR_CNT[3:0]
FLT_ERR_CNT_LIMIT[1:0]
0x19
FAULT_CTRL
0000_0001
—
EXTRW
RO
RO
RO
RO
RW
RW
MSB
—
—
—
—
—
—
—
—
0000_0000
—
—
—
—
—
—
—
—
LSB
—
NOT_
CLR_FLT_
ERR_CNT
—
—
—
—
NOT_FLT_ERR_
CNT_LIMIT[1:0]
0x1A
NOT_
FAULT_CTRL
0100_0010
—
EXTRW
—
—
—
—
RW
RW
MSB
—
SW2_ILIM_I SW1_ILIM_I
TSD_I
SW2_UV_I
SW1_UV_I
VMON4_
UV_I
VMON3_
UV_I
0000_0000
—
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
LSB
VMON2_
UV_I
VMON1_
UV_I
SW2_OV_I
SW1_OV_I
VMON4_
OV_I
VMON3_
OV_I
VMON2_
OV_I
VMON1_
OV_I
0x1C
VMON_STS
0000_0000
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
FLGWC
MSB
—
SW2_
ILIM_RT
SW1_
ILIM_RT
TSD_RT
SW2_UV_RT SW1_UV_RT
VMON4_
UV_RT
VMON3_
UV_RT
0000_0000
—
RO
RO
RO
RO
RO
RO
RO
LSB
VMON2_
UV_RT
VMON1_
UV_RT
SW2_
OV_RT
SW1_
OV_RT
VMON4_
OV_RT
VMON3_
OV_RT
VMON2_
OV_RT
VMON1_
OV_RT
0x1D
VMON_RT
0000_0000
RO
RO
RO
RO
RO
RO
RO
RO
Table 54. I2C register map...continued
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
71 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More