Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFS5600AMMA0ES Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
12.2.5 Soft-start
Startup of SW2 is internally controlled to eliminate overshoot and control the inrush current. Soft-start time is
programmable via OTP using the OTP_SW2_SS bit. See Table 18 for values.
12.2.6 Current limit protection
Cycle-by-cycle current limit is utilized to limit the total permissible output current. Output voltage returns to
regulation when the overcurrent is removed. Current limit value is programmable to 4 different values via OTP
using the OTP_SW2_ILIM[1:0] bits. See Table 18 for values.
12.2.7 Slope compensation
Slope compensation for the controller is set via OTP using the OTP_SW2_SLOPECOMP[5:0] bits. See
Section 12.2.1 "SW2 external component selection" for values to use based on operating conditions.
OTP_SW2_SLOPECOMP[5:0]
SW2 slope compensation (mV/µs)
000000
0
000001
10
000010
20
000011
31
000100
41
000101
51
000110
62
000111
72
001000
82
001001
92
001010
103
001011
113
001100
123
001101
134
001110
144
001111
154
010000
175
010001
195
010010
216
010011
237
010100
258
010101
279
010110
299
010111
320
011000
340
Table 26. OTP_SW2_SLOPECOMP[5:0] selection
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
29 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More