| Moteur de recherche de fiches techniques de composants électroniques |
|
PAC7121 Fiches technique(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PAC7121 Fiches technique(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 56 page ![]() Device Pin Assignments MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Freescale Semiconductor 39 PG14 RXD_C — — — 139 139 139 107 107 A4 A4 — PG15 TXD_C — — — 140 140 140 108 108 B4 B4 — PH0 AN0_B — — — 88 — — — — G13 G13 — PH1 AN1_B — — — 90 — — — — G14 G14 — PH2 AN2_B — — — 92 — — — — F16 F16 — PH3 AN3_B — — — 94 — — — — F15 F15 — PH4 AN4_B — — — 96 — — — — E16 E16 — PH5 AN5_B — — — 98 — — — — E15 E15 — PH6 AN6_B — — — 100 — — — — D16 D16 — PH7 AN7_B — — — 102 — — — — C16 C16 — PH8 AN8_B — — — 104 — — — — B16 B16 — PH9 AN9_B — — — 106 — — — — B14 B14 — PH10 AN10_B — — — 108 — — — — D13 D13 — PH11 AN11_B — — — 114 — — — — A13 A13 — PH12 AN12_B — — — 116 — — — — B12 B12 — PH13 AN13_B — — — 118 — — — — C11 C11 — PH14 AN14_B — — — 120 — — — — A11 A11 — PH15 AN15_B — — — 122 — — — — B10 B10 — PI0 PCS3_A — — — —— ——— — C3 — PI1 PCS4_A — — — —— ——— — D5 — PI2 PCS6_A — — — —— ——— — D4 — PI3 PCS7_A — — — —— ——— — E4 — PI4 PCS3_B — — — —— ——— — G4 — PI5 PCS4_B — — — —— ——— — J4 — PI6 PCS6_B — — — —— ——— — K4 — PI7 PCS7_B — — — —— ——— — L4 — PI8 — — — — —— ——— — N4 — PI9 — — — — —— ——— — P3 — PI10 — — — — —— ——— — R2 — PI11 — — — — —— ——— — R15 — PI12 — — — — —— ——— — N11 — PI13 — — — — —— ——— — N12 — PI14 — — — — —— ——— — N13 — PI15 — — — — —— ——— — P14 — NOTES: 1. The MAC7100 family maximum peripheral configurations are listed in these columns. Some family members do not implement the full complement of ATD, CAN, DSPI and eSCI peripherals. Refer to Table 2 on page 3 for availability of peripheral functions on various devices. 2. AS function not available on mask set L49P devices. 3. MAC7111, MAC7116, MAC7131 and MAC7136 only. 4. The MCKO function cannot be used on MAC7121 devices (the alternate Nexus port must be used). 5. On MAC7121 mask set L49P devices, PB11 / PCS2_B is bonded out on pin 57. 6. PD2 function not available on mask set L49P devices. 7. Optional debug status port not available on mask set L49P devices. 8. CAN C, CAN D and eSCI D not available on MAC7112, MAC7122 and MAC7142 devices. Table 37. Signal Pin Assignments (continued) Primary / GPIO Function Peripheral Function 1 External Bus Function 1 Debug Function 1 Read on Reset Pin Number (by Device) 7101 7106 7111 7116 7112 7121 7126 7122 7131 7136 7141 7142 |