| Moteur de recherche de fiches techniques de composants électroniques |
|
NEBM-T12W4-R-10-LE4 Fiches technique(PDF) 2 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
NEBM-T12W4-R-10-LE4 Fiches technique(HTML) 2 Page - Festo Corporation. |
|
2 / 2 page ![]() Feature Value CE marking (see declaration of conformity) As per EU RoHS directive UKCA marking (see declaration of conformity) To UK RoHS instructions LABS (PWIS) conformity VDMA24364 zone III Note on materials RoHS-compliant Contamination level 3 Corrosion resistance class (CRC) 0 - No corrosion stress Material of cable sheath PVC Color cable sheath Black Housing material TPE-U(PUR) Housing colour Black Material of screw-type lock High-alloy stainless steel Seals material HNBR Material of pin contacts Brass, gold-plated Insulating sheath material PVC 5/22/24 - Subject to change - Festo SE & Co. KG 2/2 |