Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3019574 Fiches technique(PDF) 3 Page - Turck, Inc.

No de pièce 3019574
Description  Vibration & Temperature Sensor For Condition Monitoring with IO-Link
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TURCK [Turck, Inc.]
Site Internet  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

3019574 Fiches technique(HTML) 3 Page - Turck, Inc.

  3019574 Datasheet HTML 1Page - Turck, Inc. 3019574 Datasheet HTML 2Page - Turck, Inc. 3019574 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 3
Accessories
Type code
Ident-No.
Dimension drawing
SMBWLSMAG
3019574
Magnetic fixture for mounting work lights and sensors, 2
pieces
Function accessories
Type code
Ident-No.
Dimension drawing
USB-2-IOL-0002
6825482
IO-Link Master with integrated USB port
TBEN-S2-4IOL
6814024
Compact multiprotocol I/O module, 4 IO-Link Master 1.1
Class A, 4 universal PNP digital channels 0.5 A



Html Pages

1 2 3