Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2002 Fiches technique(PDF) 4 Page - Minilogic Device Corporation Limited

No de pièce ML2002
Description  Static/Half Duty LCD COG Driver with Real Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINILOGIC [Minilogic Device Corporation Limited]
Site Internet  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Fiches technique(HTML) 4 Page - Minilogic Device Corporation Limited

  ML2002 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
P4/13
Preliminary, November 2008
ML2002 Preliminary
With MS connected to GND, it represents it is in slave mode, it will treat all the DIN data as display data
and will be sent to ML2002’s display shift register directly through DIN and DCLK.
To Load display data onto the screen, LAI need to be high, then a rising edge of DCLK would load the
display, the LAI need to keep low again.
There are 48 Segments in Static Mode, and 96 Segments in 1/2 Duty Mode with 1/2 Bias. The display
data should be input in reverse order, for static it’s starting from SEG48, SEG47… SEG2 to SEG1, for
1/2 duty it’s starting from SEG48-COMB, SEG48-COMA … SEG1-COMB to SEG1-COMA for proper
display of data. When updating the display, it will require inputting 48 Segments in Static Mode and 96
Segments in 1/2 Duty Mode.
i) Internal Power on reset
At power on the ML2002 will reset the internal display Data RAM as cleared.
Timing Diagram for slave mode display
Functional Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13