Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFF1007 Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD

No de pièce SFF1007
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SFF1007 Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD

  SFF1007 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SFF1007 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN 1
PIN 3
PIN 2 &
(case)
CURRENT: 10A
VOLTAGE RANGE: 100 - 800V
Feaures
Mechanical Data
Maximum Ratings And Electrical Characteristics T
A = 25
°C
SUPER FAST RECTIFIERS
SFF1002 - SFF1008
1 of 2
www.sunmate.tw
 Glass passivated chip junctions
 High Forward Surge Capability
 Super fast recovery time for switching
mode application
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Low Reverse Current
Notes: 1. Thermal resistance from junction to case.
2. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
200
300
400
700
V
Maximum RMS voltage
VRMS
140
210
280
490
V
Maximum DC blocking voltage
VDC
200
300
400
700
V
Maximum average forward current
IAV
A
10
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
150
A
Typical thermal resistance
per diode(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Typical forward voltage per leg at 10A
VF
1.00
1.30
1.70
V
Maximum average reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
5
μA
250
Typical reverse recovery time(Note 2)
TRR
35
nS
SFF
1002
800
560
800
SFF
1003
SFF
1004
SFF
1007
SFF
1008
2.80
600
420
600
SFF
1006
500
350
500
SFF
1005
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
Circuit figure: Single positive
ITO-220AC 1.65 grams
10.0±0.2
1.3±0.2
0.8±0.2
Ø3.84
±0.15
5.08±0.2
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
ITO-220AC
4.0


Numéro de pièce similaire - SFF1007

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SFF1007G TSC-SFF1007G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1007G TSC-SFF1007G Datasheet
334Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1007G TSC-SFF1007G Datasheet
186Kb / 2P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
SFF1007G LUGUANG-SFF1007G Datasheet
253Kb / 2P
Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFF1007G TSC-SFF1007G Datasheet
400Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
More results

Description similaire - SFF1007

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com