| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56364 Fiches technique(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56364 Fiches technique(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 148 page ![]() DSP56364 Technical Data, Rev. 4.1 Freescale Semiconductor 6-1 6 Ordering Information Consult a Freescale Semiconductor sales office or authorized distributor to determine product availability and to place an order. Table 6-1 Ordering Information1, 2 1 The DSP56364 can include factory-programmed ROM. The listed ‘B’ ROM code is a generic unused ROM available to any customer. Variations will be supported for Dolby digital (AC-3), DTS, MPEG2, and other features. These products are only available to authorized licensees of those technologies. Please consult the web site at www.freescale.com/dsp for current availability. 2 Future products in the DSP56364 family may include other ROM-based options. For additional information on future part development, or to request customer-specific ROM-based support, call your local Freescale Semiconductor sales office or authorized distributor. Part Supply Voltage Package Type Pin Count Frequency (MHz) Order Number DSP56364 3.3 V Thin quad flat pack (TQFP) 100 100 XCB56364FU100 Quad flat pack (QFP) 112 100 XCB56364PV100 |