| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8250VR Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250VR Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 2 page ![]() FREESCALE and the FREESCALE logo are trademarks of Freescale Semiconductor, Inc. CODEWARRIOR and the CODEWARRIOR logo are trademarks of Metrowerks Corp. All other product or service names are the property of their respective owners. © Freescale Semiconductor, Inc. 2005. © Metrowerks Corp. 2005. Metrowerks is a Freescale company. ALL RIGHTS RESERVED. 950-00042 REV B Learn More: For more information about Freescale products, please visit www.freescale.com/codewarrior CodeWarrior Development Studio MPC8250 Evaluation System CodeWarrior Development Studio, PowerPC® ISA Edition for Communication Processors CodeWarrior Development Studio is a powerful and easy-to-use tool that is designed specifically to increase software development productivity. The CodeWarrior integrated development environment (IDE) provides an intuitive graphical user interface (GUI) for development for the PowerPC® instruction set architectures. CodeWarrior tools provides > Debugger support for source, assembly and mixed source/assembly debugging > Complete ANSI/ISO C/C++ compliant compiler > Hierarchical C++ browser > Powerful hardware-level diagnostics and troubleshooting facilities > Complete code navigation system > RTOS awareness for Precise/MQX Benefits Free detailed schematics All Freescale evaluation systems come with free schematics in electronic format. Schematics give hardware engineers a solid design for use in building their own boards. Tools integration Reference designs and hardware-assisted debugging tools are well integrated to provide a good out-of-the-box experience. Every board has its own board support package, so developers can immediately begin using all of the CodeWarrior tools. Experienced support As a supplier of evaluation systems, reference designs and hardware-assisted debugging tools for an array of microprocessors, Freescale has all the experience necessary to provide knowledgeable, responsive application and technical support for development projects. Board support packages Because even the best hardware design is useless without software support, we provide the source code for board support packages available for bare board use, with our Linux® product and with the Precise/MQX RTOS. Developers can fully utilize and modify the source code for their current and future projects. Accelerated early development Firmware, hardware and production test engineers can all take advantage of Freescale evaluation systems and reference designs. Firmware and hardware engineers can adapt Freescale evaluation systems to their own, enabling them to reduce development time. Production test engineers can use this board and WireTAP/PowerTAP® PRO debugging tools or some third party run-control devices to design and prototype complex and efficient production algorithms before the custom hardware is prototyped. Ordering Information > Part Number – CWDS8250EVAL $895.00 USD > The CodeWarrior Development Studio in this package is an evaluation version, time-limited to 30 days from installation. > The MQX/Precise RTOS in this package is an evaluation version, execution limited. > Fully licensed versions of the above can be obtained separately via your local Freescale distributor. |