| Moteur de recherche de fiches techniques de composants électroniques |
|
SC101161DT Fiches technique(PDF) 90 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC101161DT Fiches technique(HTML) 90 Page - Freescale Semiconductor, Inc |
|
90 / 142 page ![]() Device User Guide — 9S12DT128DGV2/D V02.15 90 Freescale Semiconductor • Use low ohmic low inductance connections between VSS1, VSS2 and VSSR. • VSSPLL must be directly connected to VSSR. • Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C7, C8, C11 and Q1 as small as possible. • Do not place other signals or supplies underneath area occupied by C7, C8, C10 and Q1 and the connection area to the MCU. • Central power input should be fed in at the VDDA/VSSA pins. |