Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  CodeWarrior??Development Studio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8280 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREESCALE and the FREESCALE logo are trademarks of Freescale Semiconductor, Inc. CODEWARRIOR and
the CODEWARRIOR logo are trademarks of Metrowerks Corp. All other product or service names are the
property of their respective owners.
© Freescale Semiconductor, Inc. 2005. © Metrowerks Corp. 2005. Metrowerks is a Freescale company.
ALL RIGHTS RESERVED.
950-00016
REV B
Learn More: For more information about Freescale products, please visit www.freescale.com/codewarrior
CodeWarrior Development Studio MPC8280 Evaluation System
CodeWarrior Development Studio,
PowerPC® ISA Edition for
Communication Processors
CodeWarrior Development Studio is a
powerful and easy-to-use tool that is
designed specifically to increase software
development productivity. The CodeWarrior
integrated development environment (IDE)
provides an intuitive graphical user interface
(GUI) for development for the PowerPC®
instruction set architectures.
CodeWarrior Development Studio provides:
> Debugger support for source, assembly
and mixed source/assembly debugging
> Complete ANSI/ISO C/C++ compliant
compiler
> Hierarchical C++ browser
> Powerful hardware-level diagnostics and
troubleshooting facilities
> Complete code navigation system
> RTOS awareness for Precise/MQX
Benefits
Free detailed schematics
All Freescale evaluation systems come
with free schematics in electronic
format. Schematics give hardware
engineers a solid design for use in
building their own boards.
Tools integration
Freescale reference designs and
hardware-assisted debugging tools are
well integrated to provide a good out-of-
the-box experience. Every board has its
own board support package, so
developers can immediately begin using
all of the Freescale tools.
Experienced support
As a supplier of evaluation systems,
reference designs and hardware-assisted
debugging tools for an array of
microprocessors, Freescale has all the
experience necessary to provide
knowledgeable, responsive application and
technical support for development projects.
Accelerated early development
Firmware, hardware and production test
engineers can all take advantage of
Freescale evaluation systems and reference
designs. Firmware and hardware engineers
can adapt Freescale evaluation systems to
their own, enabling them to reduce
development time. Production test
engineers can use the board and
WireTAP/PowerTAP® PRO debugging tools
or some third-party run-control devices to
design and prototype complex and efficient
production algorithms before the custom
hardware is prototyped.
Ordering Information
> Part Number – CWDS8280EVAL
> The CodeWarrior Development Studio in
this package is an evaluation version,
time-limited to 30 days from installation.
> The MQX/Precise RTOS in this package
is an evaluation version, execution
limited.
> Fully licensed versions of the above can
be obtained separately via your local
Freescale distributor.



Html Pages

1 2