| Moteur de recherche de fiches techniques de composants électroniques |
|
S12SCIV2/D Fiches technique(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D Fiches technique(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $0172 Extended ID Read: ID14 ID13 ID12 ID11 ID10 ID9 ID8 ID7 CAN0TIDR2 Write: Standard ID Read: Write: $0173 Extended ID Read: ID6 ID5 ID4 ID3 ID2 ID1 ID0 RTR CAN0TIDR3 Write: Standard ID Read: Write: $0174- $017B CAN0TDSR0 - CAN0TDSR7 Read: DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Write: $017C CAN0TDLR Read: DLC3 DLC2 DLC1 DLC0 Write: $017D CON0TTBPR Read: PRIO7 PRIO6 PRIO5 PRIO4 PRIO3 PRIO2 PRIO1 PRIO0 Write: $017E CAN0TTSRH Read: TSR15 TSR14 TSR13 TSR12 TSR11 TSR10 TSR9 TSR8 Write: $017F CAN0TTSRL Read: TSR7 TSR6 TSR5 TSR4 TSR3 TSR2 TSR1 TSR0 Write: $0180 - $01BF CAN1 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0180 CAN1CTL0 Read: RXFRM RXACT CSWAI SYNCH TIME WUPE SLPRQ INITRQ Write: $0181 CAN1CTL1 Read: CANE CLKSRC LOOPB LISTEN 0 WUPM SLPAK INITAK Write: $0182 CAN1BTR0 Read: SJW1 SJW0 BRP5 BRP4 BRP3 BRP2 BRP1 BRP0 Write: $0183 CAN1BTR1 Read: SAMP TSEG22 TSEG21 TSEG20 TSEG13 TSEG12 TSEG11 TSEG10 Write: $0184 CAN1RFLG Read: WUPIF CSCIF RSTAT1 RSTAT0 TSTAT1 TSTAT0 OVRIF RXF Write: $0185 CAN1RIER Read: WUPIE CSCIE RSTATE1 RSTATE0 TSTATE1 TSTATE0 OVRIE RXFIE Write: $0186 CAN1TFLG Read: 00000 TXE2 TXE1 TXE0 Write: $0187 CAN1TIER Read: 00000 TXEIE2 TXEIE1 TXEIE0 Write: $0188 CAN1TARQ Read: 00000 ABTRQ2 ABTRQ1 ABTRQ0 Write: $0189 CAN1TAAK Read: 00000 ABTAK2 ABTAK1 ABTAK0 Write: $018A CAN1TBSEL Read: 00000 TX2 TX1 TX0 Write: $018B CAN1IDAC Read: 0 0 IDAM1 IDAM0 0 IDHIT2 IDHIT1 IDHIT0 Write: $018C Reserved Read: 00000000 Write: $018D Reserved Read: 00000000 Write: Table 1-3 Detailed MSCAN Foreground Receive and Transmit Buffer Layout Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |