Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1237390 Fiches technique(PDF) 3 Page - PHOENIX CONTACT

No de pièce 1237390
Description  SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237390 Fiches technique(HTML) 3 Page - PHOENIX CONTACT

  1237390 Datasheet HTML 1Page - PHOENIX CONTACT 1237390 Datasheet HTML 2Page - PHOENIX CONTACT 1237390 Datasheet HTML 3Page - PHOENIX CONTACT 1237390 Datasheet HTML 4Page - PHOENIX CONTACT 1237390 Datasheet HTML 5Page - PHOENIX CONTACT 1237390 Datasheet HTML 6Page - PHOENIX CONTACT 1237390 Datasheet HTML 7Page - PHOENIX CONTACT 1237390 Datasheet HTML 8Page - PHOENIX CONTACT 1237390 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Coding
A
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 100
Environmental and real-life conditions
Ambient conditions
Degree of protection (when plugged in)
IP67 (correctly plugged in and locked)
IP67 (correctly plugged in and locked)
Degree of protection
IP67, when plugged in
-25 °C ... 85 °C
Ambient temperature (operation)
-40 °C ... 85 °C (without mechanical actuation)
Standards and regulations
M12
Standard designation
M12 connector
Standards/specifications
IEC 61076-2-101
Mounting
Mounting type
PCB mounting
Connection method
THR solder connection
Packaging specifications
Type of packaging
Belt
Delivery state
with assembly pad
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237390
https://www.phoenixcontact.com/us/products/1237390
Jan 15, 2024, 7:33 AM
Page 3 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16