Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSH3055 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce KSH3055
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSH3055 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSH3055 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSH3055 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon NPN Power Transistor
KSH3055
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
60
--
--
V
VCE(sat)-1*
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
--
--
1.1
V
VCE(sat)-2*
Collector-Emitter Saturation Voltage
IC= 10A; IB= 3.3A
--
--
8
V
VBE(on)*
Base-Emitter On Voltage
IC= 4A; VCE=4V
--
--
1.8
V
ICBO
Collector Cutoff Current
VCB= 70V; IE= 0
--
--
2
mA
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
--
--
50
uA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
--
--
0.5
mA
hFE1*
DC Current Gain
IC= 4A; VCE= 4V
20
--
100
hFE2*
DC Current Gain
IC= 10A; VCE= 4V
5
--
--
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
2
--
--
MHz
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com