Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65517-D-R30 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B65517-D-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65517-D-R30 Fiches technique(HTML) 6 Page - EPCOS

  B65517-D-R30 Datasheet HTML 1Page - EPCOS B65517-D-R30 Datasheet HTML 2Page - EPCOS B65517-D-R30 Datasheet HTML 3Page - EPCOS B65517-D-R30 Datasheet HTML 4Page - EPCOS B65517-D-R30 Datasheet HTML 5Page - EPCOS B65517-D-R30 Datasheet HTML 6Page - EPCOS B65517-D-R30 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
322 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
Core P 9
× 5
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Mate-
rial
Color
code
K 1
25
1,81
× 2,0
Si 1
brown
17
B65518-C3000-X101
40
1,81
× 2,0
K 1
blue
16
B65518-C3000-X1
M 33
40
1,81
× 2,0
Si 1
brown
16
B65518-C3000-X101
N 48
100
1,81
× 2,0
K 1
blue
15
B65518-C3000-X1
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B63399
B65518
Accessories
P 9
× 5



Html Pages

1 2 3 4 5 6 7