| Moteur de recherche de fiches techniques de composants électroniques |
|
B65517-D-R26 Fiches technique(PDF) 6 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65517-D-R26 Fiches technique(HTML) 6 Page - EPCOS |
|
6 / 7 page ![]() 322 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw Core P 9 × 5 Adjusting screw Min. adjusting range % Ordering code Tube core Material AL value nH ∅ × length mm Mate- rial Color code K 1 25 1,81 × 2,0 Si 1 brown 17 B65518-C3000-X101 40 1,81 × 2,0 K 1 blue 16 B65518-C3000-X1 M 33 40 1,81 × 2,0 Si 1 brown 16 B65518-C3000-X101 N 48 100 1,81 × 2,0 K 1 blue 15 B65518-C3000-X1 Adjusting screwdriver B63399-B4 Handle B63399-B5 B63399 B65518 Accessories P 9 × 5 |