Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4046AF Fiches technique(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4046AF
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4046AF Fiches technique(HTML) 25 Page - Texas Instruments

Back Button CD54HC4046AF Datasheet HTML 21Page - Texas Instruments CD54HC4046AF Datasheet HTML 22Page - Texas Instruments CD54HC4046AF Datasheet HTML 23Page - Texas Instruments CD54HC4046AF Datasheet HTML 24Page - Texas Instruments CD54HC4046AF Datasheet HTML 25Page - Texas Instruments CD54HC4046AF Datasheet HTML 26Page - Texas Instruments CD54HC4046AF Datasheet HTML 27Page - Texas Instruments CD54HC4046AF Datasheet HTML 28Page - Texas Instruments CD54HC4046AF Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74HC4046AM96
D
16
FMX
0
16
6.5
10.3
12.1
2
16
Q1
CD74HC4046ANSR
NS
16
MLA
330
16
8.2
10.5
2.5
12
16
Q1
CD74HC4046APWR
PW
16
MLA
330
12
7.0
5.6
1.6
8
12
Q1
CD74HCT4046AM96
D
16
FMX
0
16
6.5
10.3
12.1
2
16
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
CD74HC4046AM96
D
16
FMX
342.9
336.6
28.58
CD74HC4046ANSR
NS
16
MLA
342.9
336.6
28.58
CD74HC4046APWR
PW
16
MLA
338.1
340.5
20.64
CD74HCT4046AM96
D
16
FMX
342.9
336.6
28.58
PACKAGE MATERIALS INFORMATION
www.ti.com
19-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32