Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC08LM Fiches technique(PDF) 1 Page - Balluff Korea Ltd.

No de pièce BCC08LM
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC08LM Fiches technique(HTML) 1 Page - Balluff Korea Ltd.

  BCC08LM Datasheet HTML 1Page - Balluff Korea Ltd. BCC08LM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC M415-M424-3A-606-EX44T2-050
Order Code: BCC08LM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 250166
ETIM 6.0: EC001855
BCC08LM_0.88_2023-12-20
1 / 2
Basic features
Approval/Conformity
CE
cULus
WEEE
Display/Operation
Function indicator (Pin 4)
LED yellow
Power indicator
LED green/no
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
TPE Yellow, 5 m, drag chain
compatible
Cable diameter D
5.30 mm ±0.13 mm
Cable, bending cycles min.
10 mil.
Conductor cross-section
22 AWG
Connection 1
M12x1-Female, straight, 5-pin, A-
coded
Connection 2
M12x1-Male, angled, 4-pin, A-
coded
Number of conductors
4
System
Molded/Molded
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Operating voltage Ub
30 VDC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, fixed routing
-50...105 °C
Cable temperature, flexible routing
-25...105 °C
IP rating
IP67, IP68, IP69K/IP67, IP68,
IP69K
Interface
Switching output
PNP NO/NC antivalent
Material
Cable jacket, material
TPE
Material contact carrier
PUR/PUR
Material contacts
Bronze/Brass
Material cover nut
Die-cast zinc/Die-cast zinc
Material grip
PUR/PUR
Mechanical data
Cable jacket, color
Yellow
Cable length L
5.00 m
Cable properties
drag chain compatible
Tightening torque pigtail
0.6 Nm/0.6 Nm


Numéro de pièce similaire - BCC08LM

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BCC08L1 BALLUFF-BCC08L1 Datasheet
97Kb / 2P
Double-Ended Cordsets
2024-03-07
BCC08LC BALLUFF-BCC08LC Datasheet
105Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC08LE BALLUFF-BCC08LE Datasheet
107Kb / 2P
Single-Ended Cordsets
0.48_2022-07-15
BCC08LF BALLUFF-BCC08LF Datasheet
115Kb / 2P
Double-Ended Cordsets
2022-12-22
BCC08LH BALLUFF-BCC08LH Datasheet
115Kb / 2P
Double-Ended Cordsets
2022-12-22
More results

Description similaire - BCC08LM

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com