Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65839-A-R65 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B65839-A-R65
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65839-A-R65 Fiches technique(HTML) 2 Page - EPCOS

  B65839-A-R65 Datasheet HTML 1Page - EPCOS B65839-A-R65 Datasheet HTML 2Page - EPCOS B65839-A-R65 Datasheet HTML 3Page - EPCOS B65839-A-R65 Datasheet HTML 4Page - EPCOS B65839-A-R65 Datasheet HTML 5Page - EPCOS B65839-A-R65 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
277 08/01
I In accordance with IEC 61596
I For transformers featuring high inductance
and low overall height
I For power applications
I EP cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,52 mm–1
le
= 15,7 mm
Ae
= 10,3 mm2
Amin = 8,5 mm2
Ve
= 162 mm3
Approx. weight 1,4 g/set
Gapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
T38
63
± 3 %
0,20
76
B65839-A63-A38
100
± 3 %
0,13
121
B65839-A100-A38
160
± 5 %
0,08
194
B65839-A160-J38
200
± 6 %
0,06
243
B65839-A200-C38
250
± 7 %
0,05
303
B65839-A250-E38
T571)
63
± 3 %
0,20
76
B65839-A63-A57
100
± 3 %
0,13
121
B65839-A100-A57
160
± 5 %
0,08
194
B65839-A160-J57
200
± 6 %
0,06
243
B65839-A200-C57
250
± 7 %
0,05
303
B65839-A250-E57
N87
63
± 3 %
0,20
76
B65839-A63-A87
100
± 3 %
0,12
121
B65839-A100-A87
160
± 5 %
0,07
194
B65839-A160-J87
200
± 6 %
0,06
243
B65839-A200-C87
250
± 7 %
0,05
303
B65839-A250-E87
FEP0004-T
9,4 0,4
_
7,2+0,4
4,4
0,2
3,4 _
gapped (one-sided)
∗)
1) Preliminary data
B65839
Core
EP 7



Html Pages

1 2 3 4 5 6