| Moteur de recherche de fiches techniques de composants électroniques |
|
CM322522-R47M Fiches technique(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
CM322522-R47M Fiches technique(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 7 page ![]() Specifications are subject to change without notice. Chip Inductor - CM252016 Series Wirewound Inductance Q Test Frequency SRF min. RDC IDC Part number uH Tolerance min. MHz MHz ohm max mA max CM252016-10NK 0.010 ±10% 10 100 2500 0.32 280 CM252016-12NK 0.012 ±10% 10 100 2200 0.34 270 CM252016-15NK 0.015 ±10% 10 100 1800 0.38 255 CM252016-18NK 0.018 ±10% 10 100 1550 0.4 250 CM252016-22NK 0.022 ±10% 15 100 1350 0.43 240 CM252016-27NK 0.027 ±10% 15 100 1150 0.47 230 CM252016-33NK 0.033 ±10% 15 100 1000 0.51 220 CM252016-39NK 0.039 ±10% 15 100 890 0.55 215 CM252016-47NK 0.047 ±10% 15 100 770 0.59 205 CM252016-56NK 0.056 ±10% 15 100 670 0.63 200 CM252016-68NK 0.068 ±10% 15 100 590 0.68 190 CM252016-82NK 0.082 ±10% 15 100 520 0.73 185 CM252016-R10K 0.10 ±10% 10 25.2 460 0.80 175 CM252016-R12K 0.12 ±10% 10 25.2 400 0.87 170 CM252016-R15K 0.15 ±10% 10 25.2 340 0.98 160 CM252016-R18K 0.18 ±10% 10 25.2 300 1.05 155 CM252016-R22M 0.22 ±20% 25 25.2 230 0.70 190 CM252016-R27M 0.27 ±20% 25 25.2 210 0.75 180 CM252016-R33M 0.33 ±20% 25 25.2 190 0.85 170 CM252016-R39M 0.39 ±20% 25 25.2 175 0.95 160 CM252016-R47M 0.47 ±20% 25 25.2 160 1.00 155 CM252016-R56M 0.56 ±20% 25 25.2 150 1.10 150 CM252016-R68M 0.68 ±20% 25 25.2 135 1.25 140 CM252016-R82M 0.82 ±20% 25 25.2 125 1.40 130 CM252016-1R0K 1.0 ±10% 25 7.96 115 0.65 195 CM252016-1R2K 1.2 ±10% 25 7.96 100 0.75 180 CM252016-1R5K 1.5 ±10% 25 7.96 90 0.85 170 CM252016-1R8K 1.8 ±10% 25 7.96 85 0.95 160 CM252016-2R2K 2.2 ±10% 25 7.96 80 1.05 155 CM252016-2R7K 2.7 ±10% 25 7.96 75 1.2 145 CM252016-3R3K 3.3 ±10% 25 7.96 65 1.3 135 CM252016-3R9K 3.9 ±10% 25 7.96 60 1.4 130 CM252016-4R7K 4.7 ±10% 25 7.96 55 1.6 125 CM252016-5R6K 5.6 ±10% 25 7.96 50 1.8 120 CM252016-6R8K 6.8 ±10% 25 7.96 45 1.9 115 CM252016-8R2K 8.2 ±10% 25 7.96 40 2.2 105 CM252016-100K 10 ±10% 25 2.52 32 3.5 80 CM252016-120K 12 ±10% 25 2.52 30 3.8 75 CM252016-150K 15 ±10% 25 2.52 28 4.4 70 CM252016-180K 18 ±10% 25 2.52 25 5.0 65 CM252016-220K 22 ±10% 25 2.52 22 5.8 60 CM252016-270K 27 ±10% 20 2.52 21 6.3 115 CM252016-330K 33 ±10% 20 2.52 20 7.1 110 CM252016-390K 39 ±10% 20 2.52 18 9.5 90 CM252016-470K 47 ±10% 20 2.52 17 11.0 80 CM252016-560K 56 ±10% 20 2.52 16 12.1 75 CM252016-680K 68 ±10% 20 2.52 15 16.6 70 CM252016-820K 82 ±10% 20 2.52 13 19.0 65 CM252016-101K 100 ±10% 15 0.796 12 21.0 60 TIGHTER TOLERANCE AVAILABLE ON REQUEST. CONSULT FACTORY. COMMENT: 10nH TO 180nH ‘AIR CORE’ / 220nH TO 220uH ‘FERRITE CORE’ |