| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2503 Fiches technique(PDF) 42 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2503 Fiches technique(HTML) 42 Page - SMSC Corporation |
|
42 / 46 page ![]() USB 2.0 High-Speed 4-Port Hub Controller Datasheet Revision 1.92 (05-08-07) 42 SMSC USB2514 DATASHEET Note 5.1 Output leakage is measured with the current pins in high impedance. Note 5.2 See USB 2.0 Specification for USB DC electrical characteristics. IO-U (Note 5.2) Supply Current Unconfigured High-Speed Host Full-Speed Host ICCINTHS ICCINITFS 95 80 105 90 mA mA Supply Current Configured (High-Speed Host) 1 Port HS, 1 Port LS/FS 2 Ports @ LS/FS 2 Ports @ HS 3 Ports @ HS 4 Ports @ HS IHCH1C1 IHCC2 IHCH2 IHCH3 IHCH4 150 150 160 170 175 170 160 275 290 305 mA mA mA mA mA All supplies combined Supply Current Configured (Full-Speed Host) 1 Port 2 Ports 3 Ports 4 Ports IFCC1 IFCC2 IFCC3 IFCC4 140 140 140 140 150 150 150 150 mA mA mA mA All supplies combined Supply Current Suspend ICSBY 310 420 μA All supplies combined Supply Current Reset ICRST 100 275 μA All supplies combined Table 5.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |