Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65813-J-R97 Fiches technique(PDF) 7 Page - EPCOS

No de pièce B65813-J-R97
Description  RM 10 RM cores are supplied in sets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65813-J-R97 Fiches technique(HTML) 7 Page - EPCOS

  B65813-J-R97 Datasheet HTML 1Page - EPCOS B65813-J-R97 Datasheet HTML 2Page - EPCOS B65813-J-R97 Datasheet HTML 3Page - EPCOS B65813-J-R97 Datasheet HTML 4Page - EPCOS B65813-J-R97 Datasheet HTML 5Page - EPCOS B65813-J-R97 Datasheet HTML 6Page - EPCOS B65813-J-R97 Datasheet HTML 7Page - EPCOS B65813-J-R97 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
241 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
Core RM 10
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Mate-
rial
Color
code
N 48
400
4,55
× 6,3
N 22
red
10
B65679-E3-X22
400
630
4,98
× 6,3
N 22
black
18
11
B65679-E2-X22
630
5,15
× 6,3
N 22
white
17
B65679-E1-X22
Adjusting screwdriver
B63399-B1
Handle
B63399-B5
B63399
B65679
Accessories
RM 10



Html Pages

1 2 3 4 5 6 7 8