| Moteur de recherche de fiches techniques de composants électroniques |
|
B84143-B36-R Fiches technique(PDF) 6 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B84143-B36-R Fiches technique(HTML) 6 Page - EPCOS |
|
6 / 7 page ![]() 238 03/01 3-Line Filters B84143-B*-R for Converters and Power Electronics Insertion loss (typical values at Z = 50 Ω) unsymmetrical, adjacent branches terminated common mode, all branches in parallel (asymmetrical) differential mode (symmetrical) B84143-B36-R B84143-B50-R B84143-B80-R SSB0810-2 0 20 40 60 80 dB 100 10 4 f 5 10 6 10 7 10 Hz 8 10 e α SSB0994-T 0 20 40 60 80 dB 100 10 10 4 10 10 56 f 10 7 Hz 8 e α |