| Moteur de recherche de fiches techniques de composants électroniques |
|
SMFL2812D/HO Fiches technique(PDF) 7 Page - Interpion semiconductor |
|
|
|||||||||||||||||||||||||||||
SMFL2812D/HO Fiches technique(HTML) 7 Page - Interpion semiconductor |
|
7 / 13 page ![]() Notes 1. Guaranteed by design, not tested. 2. Up to 70% of the total output power is available from either output providing the opposite output is simultaneously carrying 30% of the total power. 3. Effect on negative Vout from 50%/50% loads to 70%/30% or 30%/70% loads. 4. Effect on negative Vout from 50%/50% loads to 50% then 10% load on negative Vout. 5. Unit will shut down above approximately 45V but will be undamaged and will restart when voltage drops into normal range. 6. Recovery time is measured from application of the transient to point at which Vout is within 1% of final value. 7. Transition time > 10 µS. 8. Tested on release from inhibit. 9. Shall not compromise DC performance. Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, RHA level O, unless otherwise specified. DUAL OUTPUT MODELS SMFL2805D SMFL2812D SMFL2815D unitS Parameter cOnDitiOnS MIN TYP MAx MIN TYP MAx MIN TYP MAx OutPut VOltage tc = 25°c + VOut 4.95 5.00 5.05 4.92 5.00 5.08 11.88 12.00 12.12 11.82 12.00 12.18 14.85 15.00 15.15 14.77 15.00 15.23 VDc - VOut OutPut current2 Vin = 16 tO 40 VDc each OutPut 0 — 7 0 — 10 0 — 3.5 0 — 5 0 — 3.03 0 — 4.33 a tOtal OutPut OutPut POwer Vin = 16 tO 40 VDc 0 — 50 0 — 60 0 — 65 w OutPut riPPle ± VOut 10 khz - 2 mhz — 50 100 — 50 120 — 50 150 mV p-p line regulatiOn VIN = 16 tO 40 VDc + VOut — 0 50 — 25 100 — 0 50 — 25 100 — 0 50 — 25 100 mV - VOut lOaD regulatiOn nO lOaD tO Full + VOut — 0 50 — 25 100 — 10 50 — 50 120 — 10 50 — 150 150 mV - VOut crOSS regulatiOn tc = 25°c See nOte 3 — 5 8 — 3 6 — 2 4 — 2 4 — 2 4 — 2 4 % See nOte 4 inPut VOltage cOntinuOuS 16 28 40 — — 50 16 28 40 — — 50 16 28 40 — — 50 VDc V TRANSIENT1, 5 50 ms inPut current nO lOaD — 50 120 — 9 14 — 35 70 — 50 100 — 9 14 — 35 70 — 50 100 — 9 14 — 35 70 mA inhibiteD–inh1 inhibiteD–inh2 inPut riPPle current 10 khz - 10 mhz — 30 50 — 30 50 — 30 80 mA p-p eFFiciency tc = 25°c balanceD lOaD 75 78 — 81 84 — 82 85 — % lOaD Fault tc = 25°c ShOrt circuit POwer DiSSiPatiOn — 12.5 16 — 1.5 4.0 — 10 14 — 1.5 4.0 — 10 14 — 1.5 4.0 w ms recOVery1 SteP lOaD reSPOnSe ± VOut 50% - 100% - 50% tranSient — 250 350 — 1.5 3.0 — 450 600 — 1.5 3.0 — 500 600 — 1.5 3.0 mV pk mS recOVery1, 7 SteP line reSPOnSe1, 6 ± VOut 16 - 40 -16 VDc tranSient7 — 250 300 — 200 300 — 250 400 — 200 300 — 250 400 — 200 300 mV pk µs recOVery Start-uP8 Delay — 3.5 6 — 3.5 6 — 3.5 6 ms Crane Aerospace & Electronics Power Solutions www.craneae.com Page 7 of 13 Rev H - 20061102 sMFL single and dual dc/dc converters 28 VoLt input – 65 Watt |