Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IA82527-PTQ44A-R Fiches technique(PDF) 26 Page - InnovASIC, Inc

No de pièce IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INNOVASIC [InnovASIC, Inc]
Site Internet  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Fiches technique(HTML) 26 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 22Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 23Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 24Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 25Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 26Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 27Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 28Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 29Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 30Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 26 of 45
1-888-824-4184
©
5.
AC Characteristics
The AC characteristics of the IA82527 are provided in the figures and tables of this chapter.
The IA82527 can be configured to operate in the following parallel and serial CPU interface
modes:
• Mode 0: 8-Bit Multiplexed Intel
® Architecture
• Mode 1: 16-Bit Multiplexed Intel
® Architecture
• Mode 2: 8-Bit Multiplexed Non-Intel
® Architecture
• Mode 3: 8-Bit Non-Multiplexed Non-Intel
® Architecture
• Serial Interface Mode
The AC characteristics of these modes in operation of are provided as follows:
• Mode 0 and Mode 1 General Bus Timing (Table 8/Figure 7)
• Mode 0 and Mode 1 ready Timing for Read Cycle (Table 8/Figure 8)
• Mode 0 and Mode 1 ready Timing for Write Cycle with No Write Pending
(Table 8/Figure 9)
• Mode 0 & Mode 1 ready Timing for Write Cycle with Write Pending (Table 8/Figure 10)
• Mode 2 General Bus Timing (Table 9/Figure 11)
• Mode 3, Asynchronous Operation, Read Cycle (Table 10/Figure 12)
• Mode 3, Asynchronous Operation, Write Cycle (Table 10/Figure 13)
• Mode 3, Synchronous Operation, Read Cycle (Table 11/Figure 14)
• Mode 3, Synchronous Operation, Write Cycle (Table 11/Figure 15)
• Serial Interface Mode, icp = 0 and cp = 0 (Table 12/Figure 16)
• Serial Interface Mode, icp = 1 and cp = 1 (Table 12/Figure 17)
NOTE
The values provided in the following tables and figures are preliminary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45