Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCP-P003 Fiches technique(PDF) 5 Page - Apex Electronics Co., Ltd

No de pièce FCP-P003
Description  Pushbutton Switches, 1M cycles, optional LED, IP67
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Site Internet  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

FCP-P003 Fiches technique(HTML) 5 Page - Apex Electronics Co., Ltd

  FCP-P003 Datasheet HTML 1Page - Apex Electronics Co., Ltd FCP-P003 Datasheet HTML 2Page - Apex Electronics Co., Ltd FCP-P003 Datasheet HTML 3Page - Apex Electronics Co., Ltd FCP-P003 Datasheet HTML 4Page - Apex Electronics Co., Ltd FCP-P003 Datasheet HTML 5Page - Apex Electronics Co., Ltd FCP-P003 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
05
PAA Series
Pushbutton Switches, 1M cycles, optional LED, IP67
SPST
Part No. Shown : PAAS6D2M1CESX-5LY
SPST
Part No. Shown : PAAS6B3M1CESAX-5
B3
D2
PANEL MOUNTING
Ø
.597
Ø
15.20±0.1
(+)
(-)
X=CAP COLOR
Y=LED COLOR
.047
1.20
EPOXY
.200
5.08
.134
3.40
.197
5.00
.594
15.1
.016
0.40
.020
0.50
.196
5.00
.110
2.80
.008
0.20
.078
2.0
Ø
.472
Ø
12.00
.343
8.70
Ø
.472
Ø
12.00
Ø
.689
Ø
17.50
PANEL MOUNTING
.507
12.90
Ø
.535
Ø
13.60
PANEL MOUNTING
Ø
.597
Ø
15.20±0.1
SPST
Part No. Shown : PAAS6B2M1CESGX-5
B2
.197
5.00
.200
5.08
.016
0.40
.047
1.20
EPOXY
.138
3.50
.508
12.90
Ø
.689
Ø
17.50
.110
2.80
M12x0.75 SI
.287
7.30
Ø
.462
Ø
11.75
.185
4.7
X=CAP COLOR
.016
0.40
.200
5.08
.197
5.00
.508
12.90
.138
3.50
.138
3.50
.102
2.59
.110
2.80
Ø
.689
Ø
17.50
X=CAP COLOR
EPOXY
Ø
.472
Ø
12.00
HARDWARE
M12 NUT
M12x0.75 SI
.630
16.00
.551
14.00
.098
2.50
LOCK WASHER
O-RING
O-RING
EVA WASHER
Supplied with B2 / D1 / D2
bushing
Supplied with PAL6 and
D1 / D2 options
Supplied standard with
B1/ B2 options
Supplied standard with
B3 options
Ø
.669
Ø
17.00
Ø
.591
Ø
15.00
.039
1.00
.039
1.00
MNU-PA03
MNU-1M09
FCP-A253
FCP-P004
FSU-PA01
.047
1.20
Ø
.532
Ø
13.50



Html Pages

1 2 3 4 5 6