| Moteur de recherche de fiches techniques de composants électroniques |
|
SVO30VT103CD Fiches technique(PDF) 2 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SVO30VT103CD Fiches technique(HTML) 2 Page - Apex Electronics Co., Ltd |
|
2 / 2 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SVO Series Slim Slide Potentiometer, 15-30mm travel 02 Lever Options Part No. Length Part No. Length Part No. Length A1 4.5mm B2 9.5mm C2 9.5mm A2 9.5mm B3 14.5mm C3 14.5mm Lever A Lever B Lever C Drawing Model Dimensions Vertical type P.C.B Mounting hole detail Dimensions Model S A (S+15) B (S+12.5) C (S+7.5) D (S+2.5) SVO15VT 15 30 27.5 22.5 17.5 SVO20VT 20 35 32.5 27.5 22.5 SVO30VT 30 45 42.5 37.5 32.5 Model Dimensions Horizontal type P.C.B Mounting hole detail Dimensions Model S A (S+15) B (S+15) C (S+10) SVO15HT 15 30 30 25 SVO20HT 20 35 35 30 SVO30HT 30 45 45 40 |