| Moteur de recherche de fiches techniques de composants électroniques |
|
SPUS9WR2C2M6RES Fiches technique(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SPUS9WR2C2M6RES Fiches technique(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 3 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SPU Series Ultra-miniature pushbutton switches, optional LED, IP67 03 M6 DPDT P.C. MOUNTING Part No. Shown : SPUD8WR2C2M6RE M6 SPDT P.C. MOUNTING Part No. Shown : SPUS8WR2C2M6RE M7 DPDT P.C. MOUNTING Part No. Shown : SPUD8WR2C2M7RE M7 SPDT P.C. MOUNTING Part No. Shown : SPUS8WR2C2M7RE SOLDERING PROCESSES WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C Duration of Solder Immersion: Max 5 sec.(PCB is 1.6mm in thickness) 4 5 6 6 5 4 6 5 4 3 2 1 4 5 6 1 2 3 4 5 6 4 5 6 1 2 3 1 2 3 .100 2.54 .100 2.54 .100 2.54 .200 5.08 .100 2.54 .100 2.54 .200 5.08 .100 2.54 .100 2.54 .200 5.08 Ø .035 Ø 0.89 .200 5.08 Ø .035 Ø 0.89 Ø .035 Ø 0.89 .100 2.54 .200 5.08 Ø .035 Ø 0.89 .200 5.08 .020 0.50 .276 7.00 .100 2.54 .100 2.54 .303 7.68 .063 1.60 .178 4.50 .200 5.08 .126 3.20 .200 5.08 Ø .169 Ø 4.30 .031 0.80 .047 1.20 Ø .158 Ø 4.00 .150 3.80 .039 1.00 TRAVEL .193 4.90 3 3 6 2 1 .020 0.50 .276 7.00 .100 2.54 .100 2.54 .303 7.68 .063 1.60 .178 4.50 .200 5.08 .126 3.20 .200 5.08 Ø .169 Ø 4.30 .031 0.80 .047 1.20 Ø .158 Ø 4.00 .150 3.80 .039 1.00 TRAVEL .193 4.90 Ø .169 Ø 4.30 .031 0.80 .047 1.20 .229 5.83 .276 7.00 .100 2.54 .100 2.54 .200 5.08 .126 3.20 Ø .158 Ø 4.00 .178 4.50 .016 0.40 .100 2.54 .209 5.30 .012 0.30 .100 2.54 .063 1.60 .150 3.80 .039 1.00 TRAVEL Ø .169 Ø 4.30 .031 0.80 .047 1.20 .229 5.83 .276 7.00 .100 2.54 .100 2.54 .200 5.08 .126 3.20 Ø .158 Ø 4.00 .178 4.50 .016 0.40 .100 2.54 .209 5.30 .012 0.30 .100 2.54 .063 1.60 .150 3.80 .039 1.00 TRAVEL 6 5 4 |