| Moteur de recherche de fiches techniques de composants électroniques |
|
SPMS9AP122M1QE Fiches technique(PDF) 6 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SPMS9AP122M1QE Fiches technique(HTML) 6 Page - Apex Electronics Co., Ltd |
|
6 / 7 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SPM Series Miniature pushbutton switches, optional LED 06 SPMSL MODEL NO. SP Q28 NO. POLES UL/CSA MODEL NO. ON ON POS.2 SWITCH FUNCTION POS.1 SWITCH FUNCTION POLE OPTIONS 2 (COMM) NC 1 3 NO 2-1 2-3 POS.1 POS.2 2 (COMM) NC 1 3 NO CONNECTED TERMINALS / SCHEMATIC SPECIFICATIONS RATING: 1A 250VAC, 3A 120VAC or 28VDC ELECTRICAL LIFE: 6,000 cycles. CONTACT RESISTANCE: R=20 m max. ,Q=50 m max. INSULATION RESISTANCE: 1,000 M min., 1000VDC DIELECTRIC STRENGTH: 1,000 VAC for 1 Minute. OPERATING TEMPERATURE: -30°C to 85°C. FULL TRAVEL: 1.88±0.30mm OPERATING TRAVEL: 1.34±0.25mm OPERATING FORCE: 350±100g MATERIALS CASE: Diallyl phthalate(DAP) (UL94V-0). PLUNGER: Nylon glass fiber. BUSHING: Brass,nickel plated. HOUSING: Stainless. SWITCH SUPPORT: Brass.tin plated. CONTACT/TERMINAL:Brass, with silver or gold plated. (See Page 117) .100 2.54 .020 0.50 Ø .098 Ø 2.50 .362 9.22 .160 4.06 .201 5.10 .318 8.10 Ø .240 Ø 6.10 .206 5.24 .168 4.29 1.34 ± 0.25 (OPERATING TRAVEL) 1.88 ± 0.30 (FULL TRAVEL) .100 2.54 .020 0.50 Ø .098 Ø 2.50 .362 9.22 .201 5.10 .318 8.10 Ø .240 Ø 6.10 .206 5.24 .168 4.29 Part No. Shown : SPMSLP1B05M1QE Part No. Shown : SPMSLP1B06M2QE SPDT M1 SPDT M2 .060 1.52 .110 2.79 EPOXY SEAL 10-48 UNS .110 3.30 EPOXY SEAL .030 0.76 1.34 ± 0.25 (OPERATING TRAVEL) 1.88 ± 0.30 (FULL TRAVEL) BUSHING AND TERMINATION OPTIONS B05 THD B06 NON-THD .078 1.98 Ø .240 Ø 6.10 .020 0.51 .023 0.60 .206 5.24 10-48 UNS .078 1.98 Ø .240 Ø 6.10 .020 0.51 .023 0.60 .206 5.24 .160 4.06 .030 0.76 .060 1.52 EPOXY SEAL .030 0.76 EPOXY SEAL .130 3.30 .110 2.79 .060 1.53 EPOXY SEAL .030 0.76 .600 15.24 .060 1.52 .070 1.78 .020 0.51THK. .020 0.51THK. .020 0.51THK. OTHER TERMINATION OPTIONS Right angle P.C. Mount Right angle P.C. Mount Vertical bracket P.C. Mount M6 M7 VS2 M2 PC Thru-hole M1 Solder lug M5 Wire Wrap |