| Moteur de recherche de fiches techniques de composants électroniques |
|
Q28B18 Fiches technique(PDF) 4 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
Q28B18 Fiches technique(HTML) 4 Page - Apex Electronics Co., Ltd |
|
4 / 4 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com SPB Series Miniature pushbutton switches, optional LED, IP67, SMD 04 MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder. WAVE SOLDERING: Recommended Soldering Temperature: 260 ± 5°C Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness) SOLDERING: Vapor phase & IR-reflow soldering can be applied. Temperature Profile (°C) 250 200 150 100 50 Room Temperature Room Temperature Zone Time (Sec) Time (Sec) Pre-heat (A) Soak (B) Peak (C) Peak (D) Peak (E) 150°C 180°C ~ 200°C 200°C ~ 235°C 235°C ~ 260°C 260°C Peak : 260°C Min 120s Min 150s Min 30s Min 40s Max 5s A B C D E SOLDERING PROCESSES CONTACT MATERIAL OPTIONS 0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC ) 3 Amps with resistant load @ 120VAC or 28VDC 1 Amps with resistant load @ 250VAC Q C R CONTACT PLATING Silver Gold over Silver Gold RATINGS Q = Gold flash over silver C = Gold over silver R = Gold TERMINAL PLATING |