Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECG.0B.306.CLVC Fiches technique(PDF) 3 Page - LEMO Connectors

No de pièce ECG.0B.306.CLVC
Description  B - Indoor keyed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEMO [LEMO Connectors]
Site Internet  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

ECG.0B.306.CLVC Fiches technique(HTML) 3 Page - LEMO Connectors

  ECG.0B.306.CLVC Datasheet HTML 1Page - LEMO Connectors ECG.0B.306.CLVC Datasheet HTML 2Page - LEMO Connectors ECG.0B.306.CLVC Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/solutions/originals/b-indoor-keyed/ecg-0b-306-clvc.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Drawings
Dimensions
S1
A
B
E
e
M
Nmax
S3
mm.
8.2
12
12.4
5.5
M9x0.6
2.5
18.3
11
in.
0.32
0.47
0.49
0.22
0.1
0.72
0.43



Html Pages

1 2 3